Part Number Hot Search : 
AN124 20ECB BS521 AK8135F C471MPD 7244S XFVOIP SD1030S
Product Description
Full Text Search
 

To Download SRF-2016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Data Sheet
Product Description
The Stanford Microdevices' SRF-2016 is a multipurpose demodulator RFIC capable of both quadrature demodulation or direct IF output. This device features switchable gain control, high input P1dB, and excellent I/Q amplitude and phase balance. The SRF-2016 uses silicon germanium device technology to yield a highly integrated RFIC for use in a variety of system applications. Use of this integrated device over standard discrete implementations can result in lower component count, less PCB space and higher transceiver card yields.
SRF-2016
200 - 600 MHz Silicon Germanium IF Receiver
Functional Block Diagram
BBIN BBIP VCC GC2 GC1 VEE VCC INP 1 2 3 4 5 6 7 8 16 15 BBQP BBQN VCC LOP LON VEE VCC INN
16 pin TSSOP with Exposed Pad Package Body: 0.20 x 0.17 x 0.04 (inches) 5.0 x 4.4 x 1.0 (mm)
Product Features
0/90
14 13 12 11 10 9
* * * * * * * *
Buffered IF OUT available through I axis Gain control in 20dB steps Excellent I/Q amplitude and phase balance High input P1dB
Applications
Digital and spread spectrum communication systems Cellular, PCS, DCS, 3G transceivers ISM band transceivers FWA receiver IF sections
Key Specifications
Parameters IF/LO Frequency Range Conversion Gain Input P1dB I/Q Output Frequency Range I/Q Output Amplitude Balance I/Q Output Phase Balance Test Conditions (VCC=5.0V, I=150mA, T=25C) Unit MHz dB dBm MHz dB deg DC -0.2 -2 Min. 200 Typ. 240 to 440 -5/+15/+35 +10/-10/-30 500 0.2 2 Max. 600
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 1
http://www.stanfordmicro.com 04/23/01 rev 5.0
Advanced Data Sheet
Absolute Maximum Ratings
Parameters Supply Voltage LO Input IF Input Operating Temperature Storage Temperature Value 6.0 +10 +10 -40 to +85 -65 to +150 Unit VDC dBm dBm C C
65) 6L*H ,) 5HFHLYHU
Test Conditions
VS = +5VDC IF Input F=400.1 MHz TA = +25C LO Input = 0dBm, 400MHz GC1 = 0, GC2 = 0; 0dBm GC1 = 1, GC2 = 0; -20dBm GC1 = 1, GC2 = 1; -40dBm
Product Specifications - IF Input
(I/Q mixing to baseband)
Parameters Frequency Range Return Loss Gain Input P1dB Input IP3 Noise Figure Gain Input P1dB Input IP3 Noise Figure Gain Input P1dB Input IP3 Noise Figure gain set=low GC1=GC2=0 gain set=medium GC1=1 GC2=0 gain set=high GC1=GC2=1 50ohm reference Test Conditions Unit MHz dB dB dBm dBm dB dB dBm dBm dB dB dBm dBm dB Min. 200 Typ. 240-440 20 35 -30 -20 6 15 -10 0 10 -5 10 20 30 Max. 600
Product Specifications - Stuck Mixer
(DC on LO Port - gain controlled amplifier)
Parameters Frequency Range Return Loss Gain Input P1dB Input IP3 Noise Figure Gain Input P1dB Input IP3 Noise Figure Gain Input P1dB Input IP3 Noise Figure gain set=low GC1=GC2=0 gain set=medium GC1=1 GC2=0 gain set=high GC1=GC2=1 50ohm reference Test Conditions Unit MHz dB dB dBm dBm dB dB dBm dBm dB dB dBm dBm dB Min. 200 20 40 -26 -16 6 20 -6 4 9 0 14 24 30 Typ. Max. 600
Product Specifications - I/Q Output
Parameters I/Q Output Frequency Range I/Q Output Amplitude Balance I/Q Output Phase Balance I/Q Output Common-mode Voltage Additional Test Conditions Unit MHz dB deg V Min. DC -0.2 -2 2.5 Typ. Max. 500 0.2 2
Product Specifications - LO Input
Parameters LO Input Level Return Loss Additional Test Conditions Unit dBm dB Min. -3 Typ. 0 20 Max. +3
Product Specifications - Miscellaneous
Parameters Supply Voltage Supply Current Thermal Resistance Additional Test Conditions Unit V mA C Min. +4.75 Typ. +5.0 180 TBD Max. +5.25
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 2
http://www.stanfordmicro.com 04/23/01 rev 5.0
Advanced Data Sheet 65) 6L*H ,) 5HFHLYHU
Gain vs. Pin Low Gain State (00)
-3 -4 Gain (dB) -5 -6 -7 -8 0 2 4 6 8 10 12 14 Pin (dBm)
Gain vs. Pin Medium Gain State (10)
16 15 Gain (dB) 14 13 12 11 -20 -18 -16 -14 -12 -10 -8 -6 Pin (dBm)
Gain vs. Pin High Gain State (11)
35 34 Gain (dB) 33 32 31 30 -40 -38 -36 -34 -32 -30 -28 -26 Pin (dBm)
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 3
http://www.stanfordmicro.com 04/23/01 rev 5.0
Advanced Data Sheet 65) 6L*H ,) 5HFHLYHU
Pin Out Description
Pin # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Function BBIN BBIP VCC GC2 GC1 VEE VCC INP INN VCC VEE LON LOP VCC BBQN BBQP Description Baseband I-axis output (-) Baseband I-axis output (+) Positive power supply Gain control input, stage 2 Gain control input, stage 1 Ground Positive power supply IF input (+) IF input (-) Positive power supply Ground LO input (-) LO input (+) Positive power supply Baseband Q-axis output (-) Baseband Q-axis output (+) self-biasing self-biasing self-biasing; AC-couple self-biasing; AC-couple self-biasing; AC-couple self-biasing; AC-couple 5V CMOS levels 5V CMOS levels self-biasing self-biasing Additional Comments
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 4
http://www.stanfordmicro.com 04/23/01 rev 5.0
Advanced Data Sheet 65) 6L*H ,) 5HFHLYHU
Part Number Ordering Information Caution: ESD Sensitive
Appropriate precaution in handling, packaging and testing devices must be observed.
Part Number SRF-2016 Reel Size TBD Devices/Reel TBD
Part Symbolization
The part will be symbolized with a "TBD" marking designator on the top surface of the package.
Package Dimensions
NOTE 1. PACKAGE BODY SIZES EXCLUDE MOLD FLASH PROTRUSIONS OR GATE BURRS 2. TOLERANCE 0.1 mm UNLESS OTHERWISE SPECIFIED 3. COPLANARITY : 0.1 mm 4. CONTROLLING DIMENSION IS MILLIMETER. CONVERTED INCH DIMENSIONS ARE NOT NECESSARILY EXACT. 5. FOLLOWED FROM JEDEC MO-153
SYMBOLS
DIMENSIONS IN MILLIMETERS
DIMENSIONS IN INCHES
A A1 A2 b C D D1 E E1 E2 e L y
MIN --- 0.00 0.80 0.19 0.09 4.90 --- --- 4.30 --- --- 0.45 --- 0
NOM --- --- 1.00 --- --- 5.00 2.80 6.40 4.40 2.80 0.65 0.60 --- ---
MAX 1.15 0.10 1.05 0.30 0.20 5.10 --- --- 4.50 --- --- 0.75 0.10 8
MIN --- 0.000 0.031 0.007 0.004 0.193 --- --- 0.169 --- --- 0.018 --- 0
NOM --- --- 0.039 --- --- 0.197 0.110 0.252 0.173 0.110 0.026 0.024 --- ---
MAX 0.045 0.004 0.041 0.012 0.008 0.201 --- --- 0.177 --- --- 0.030 0.004 8
12(4X)
Test PCB Pad Layout
1.25
0.25 0.74 0.4 0.74 3.0
3.0
0.33 via
0.7
0.9
6.9
all units are in mm - Indicates metalization - vias connect pad to underlying ground plane
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 5
http://www.stanfordmicro.com 04/23/01 rev 5.0
Advanced Data Sheet
Demo Test Board Schematic
L4 J7 C17 C15 C2 C5 R8 R5
65) 6L*H ,) 5HFHLYHU
L1 J4
C18 J6 L5
C16
C3
C4 J5
R7
R6
L2
+5V
C20
U1 SRF2016 BBIN BBIP VCC2 GC2 GC1 VEE2 VCC3 INP BBQP BBQN VCC1 LOP LON VEE1 VCC4 INN
C21 C11 T2 J3
S2
R3
+5V
C12
S1
R1 +5V L3 +5V J1 C6 C19 C1 C7 T1 J2
C8
Bill of Materials
Component Designator U1 J1 J2, J3, J4, J5, J6, J7 T1, T2 C1 S1, S2 R1, R3 C6, C19, C20, C21 L1, L2, L3, L4, L5 C7, C8, C11, C12 R5, R6, R7, R8 C2, C3, C4, C5, C15, C16, C17, C18 1 kohm 1nF 1uH 18pF 0 ohm 820pF 1uF Value Qty 1 1 6 2 1 1 2 4 5 4 4 8 SMDI Digikey-Sullins Johnson Components Mini-Circuits Venkel Grayhill Venkel Venkel Panasonic Venkel Venkel Venkel Vendor Part Number SRF-2016 S1312-02-ND 142-0701-851 TC1-1 C1206Y5V160-105ZNE GH1102-ND CR0603-16W-102JT IF receiver 2 pin 0.1" power supply header SMA end launch connector Transformer 1206 size supply bypass capacitor Dual DIP switch 0603 size pull-up resistor Description
C0603COG500-102JNE 0603 size bypass capacitor PCD1008TR-ND 1210 size inductor
C0603COG500-180JNE 0603 size coupling capacitor CR1206-8W-000T 1206 size resistor
C0603COG500-821JNE 0603 size filter capacitor
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 6
http://www.stanfordmicro.com 04/23/01 rev 5.0
Advanced Data Sheet 65) 6L*H ,) 5HFHLYHU
Demo Test Board (Fully Assembled PCB)
J6
J7
J4
J5
C18 L5 C16
C17 L4 C15 L1
C5 C2
C4 L2 C3
R7
R8
R5
R6
1.96
C20 R3 S2 S1 R1 C6 C7
U1
C21 C11 C12 C19 C8
J3 T2
T1
L3 1 C1 2 J1
J2
1.96
Note: Dimensions in inches
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 7
http://www.stanfordmicro.com 04/23/01 rev 5.0


▲Up To Search▲   

 
Price & Availability of SRF-2016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X